Part Number Hot Search : 
1210X FS12KM SM100 S2N7002 SPLBW81 1262S ATS04 3201V
Product Description
Full Text Search
 

To Download ENCL-KIT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ENCL-KIT1, ENCL-KIT2, ENCL-KIT3
MECHANICAL DIMENSIONS
17mm
66mm
36mm
RECOMENDED PCB MECHANICAL DIMENSIONS
27mm 21mm 20.5mm Hole for screw connecting enclosure 16mm LED 21mm 17.4mm
35mm
28.5mm
Microswitch
22mm 14mm
Battery
RF Solutions microswitch has a lead pitch of 6.35mm and a height of 4mm
FEATURES
* *
Tough ABS construction. One or two or three switch options.
* * * *
OEM Customisable Polycarbonate sticker Accepts GP23A type battery.
OTHER ACCESSORIES AVAILABLE
A variety of accessories are available for the keyfob assembly including;
* *
Custom Design OEM sticker Battery Connectors
Switches Silicone Rubber Seal
DS019_1
Oct 00
(c)2000 REG No 277 4001, ENGLAND.
Page 1


▲Up To Search▲   

 
Price & Availability of ENCL-KIT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X